công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADAS3022EDZ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện EVAL-ADAS3022EDZ
Giải thích chi tiết về linh kiện  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAS3022EDZ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button EVAL-ADAS3022EDZ Datasheet HTML 5Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 6Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 7Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 8Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 9Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 10Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 11Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 12Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
ADAS3022
Rev. A | Page 9 of 40
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Analog Inputs/Outputs
INx, COM to AGND
VSSH − 0.3 V to VDDH + 0.3 V
AUX+, AUX− to AGND
−0.3 V to AVDD + 0.3 V
REFx to AGND
AGND − 0.3 V to AVDD + 0.3 V
REFIN to AGND
AGND −0.3 V to +2.7 V
REFN to AGND
±0.3 V
Ground Voltage Differences
AGND, RGND, DGND
±0.3 V
Supply Voltages
VDDH to AGND
−0.3 V to +16.5 V
VSSH to AGND
+0.3 V to −16.5 V
AVDD, DVDD, VIO to AGND
−0.3 V to +7 V
ACAP, DCAP, RCAP to GND
−0.3 V to +2.7 V
Digital Inputs/Outputs
CNV, DIN, SCK, RESET, PD, CS
to DGND
−0.3 V to VIO + 0.3 V
SDO, BUSY to DGND
−0.3 V to VIO + 0.3 V
Internal Power Dissipation
2 W
Junction Temperature
125°C
Storage Temperature Range
−65°C to +125°C
θJA Thermal Impedance
44.1°C/W
θJC Thermal Impedance
0.28°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com