công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADAS3022EDZ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện EVAL-ADAS3022EDZ
Giải thích chi tiết về linh kiện  16-Bit, 1 MSPS, 8-Channel Data Acquisition System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAS3022EDZ bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button EVAL-ADAS3022EDZ Datasheet HTML 2Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 3Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 4Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 5Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 6Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 7Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 8Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 9Page - Analog Devices EVAL-ADAS3022EDZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADAS3022
Data Sheet
Rev. A | Page 6 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
IVSSH
PGIA gain = 0.16
−3.0
−2.5
mA
PGIA gain = 0.2
−3.0
−2.5
mA
PGIA gain = 0.4
−3.5
−3.0
mA
PGIA gain = 0.8
−5.5
−4.5
mA
PGIA gain = 1.6
−9.5
−8.0
mA
PGIA gain = 3.2
−17.5
−15
mA
PGIA gain = 6.4
−17.5
−15
mA
All PGIA gains, PD = 1
10
µA
IAVDD
PGIA gain = 6.4, reference buffer enabled
18
21.0
mA
All other PGIA gains, reference buffer
enabled
16
19.0
mA
PGIA gain = 6.4, reference buffer disabled
14
17.5
mA
All other PGIA gains, reference buffer
disabled
12
16.0
mA
All PGIA gains, PD = 1
100
µA
IDVDD
All PGIA gains, PD = 0
2.5
3.5
mA
All PGIA gains, PD = 1
10
µA
IVIO
VIO = 3.3 V, PD = 0
0.30
1.2
mA
PD = 1
10
µA
Power Supply Sensitivity
At TA = 25°C
External reference
PGIA gain = 0.16, 0.2, 0.4, 0.8; VDDH/VSSH ± 5%
±0.5
LSB
PGIA gain = 3.2, VDDH/VSSH ± 5%
±1.0
LSB
PGIA gain = 6.4, VDDH/VSSH ± 5%
±2.0
LSB
PGIA gain = 0.16, AVDD/DVDD ± 5%
±0.6
LSB
PGIA gain = 0.2, AVDD/DVDD ± 5%
±0.8
LSB
PGIA gain = 0.4, AVDD/DVDD ± 5%
±1.0
LSB
PGIA gain = 0.8, AVDD/DVDD ± 5%
±1.5
LSB
PGIA gain = 1.6, AVDD/DVDD ± 5%
±2.0
LSB
PGIA gain = 3.2, AVDD/DVDD ± 5%
±3.5
LSB
PGIA gain = 6.4, AVDD/DVDD ± 5%
±7.0
LSB
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1
LSB means least significant bit and changes depending on the voltage range. See the Programmable Gain section for the LSB size.
2
The common-mode voltage (VCM) range for a PGIA gain of 0.16 or 0.2 is 0 V.
3
All ac accuracy specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4
This is the output from the internal band gap reference.
5
There is no pipeline delay. Conversion results are available immediately after a conversion is complete.
6
The differential input common-mode voltage (VCM) range changes according to the maximum input range selected and the high voltage power supplies (VDDH and
VSSH). Note that the specified operating input voltage of any input pin requires 2.5 V of headroom from the VDDH and VSSH supplies; therefore, (VSSH + 2.5 V) ≤
INx/COM ≤ (VDDH − 2.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com