| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 195 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 195 Page - Microchip Technology |
|
195 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 195 PIC24FJ128GA310 FAMILY REGISTER 11-41: RPOR14: PERIPHERAL PIN SELECT OUTPUT REGISTER 14 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — — RP29R5 RP29R4 RP29R3 RP29R2 RP29R1 RP29R0 bit 15 bit 8 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — — RP28R5 RP28R4 RP28R3 RP28R2 RP28R1 RP28R0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-14 Unimplemented: Read as ‘0’ bit 13-8 RP29R<5:0>: RP29 Output Pin Mapping bits Peripheral output number n is assigned to pin, RP29 (see Table 11-4 for peripheral function numbers). bit 7-6 Unimplemented: Read as ‘0’ bit 5-0 RP28R<5:0>: RP28 Output Pin Mapping bits Peripheral output number n is assigned to pin, RP28 (see Table 11-4 for peripheral function numbers). REGISTER 11-42: RPOR15: PERIPHERAL PIN SELECT OUTPUT REGISTER 15 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — —RP31R5(1) RP31R4(1) RP31R3(1) RP31R2(1) RP31R1(1) RP31R0(1) bit 15 bit 8 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — — RP30R5 RP30R4 RP30R3 RP30R2 RP30R1 RP30R0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-14 Unimplemented: Read as ‘0’ bit 13-8 RP31R<5:0>: RP31 Output Pin Mapping bits(1) Peripheral output number n is assigned to pin, RP31 (see Table 11-4 for peripheral function numbers). bit 7-6 Unimplemented: Read as ‘0’ bit 5-0 RP30R<5:0>: RP30 Output Pin Mapping bits Peripheral output number n is assigned to pin, RP30 (see Table 11-4 for peripheral function numbers). Note 1: These bits are unimplemented in 64-pin and 80-pin devices; read as ‘0’. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |