| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 168 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 168 Page - Microchip Technology |
|
168 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 168 2010-2011 Microchip Technology Inc. 11.1.1 I/O PORT WRITE/READ TIMING One instruction cycle is required between a port direction change or port write operation and a read operation of the same port. Typically, this instruction would be a NOP. 11.1.2 OPEN-DRAIN CONFIGURATION In addition to the PORT, LAT and TRIS registers for data control, each port pin can also be individually configured for either a digital or open-drain output. This is controlled by the Open-Drain Control register, ODCx, associated with each port. Setting any of the bits configures the corresponding pin to act as an open-drain output. The open-drain feature allows the generation of outputs higher than VDD (e.g., 5V) on any desired digital only pins by using external pull-up resistors. The maximum open-drain voltage allowed is the same as the maximum VIH specification. 11.2 Configuring Analog Port Pins (ANSx) The ANSx and TRISx registers control the operation of the pins with analog function. Each port pin with analog function is associated with one of the ANS bits (see Register 11-1 through Register 11-6), which decides if the pin function should be analog or digital. Refer to Table 11-1 for detailed behavior of the pin for different ANSx and TRISx bit settings. When reading the PORT register, all pins configured as analog input channels will read as cleared (a low level). 11.2.1 ANALOG INPUT PINS AND VOLTAGE CONSIDERATIONS The voltage tolerance of pins used as device inputs is dependent on the pin’s input function. Most input pins are able to handle DC voltages of up to 5.5V, a level typical for digital logic circuits. However, several pins can only tolerate voltages up to VDD. Voltage excursions beyond VDD on these pins should always be avoided. Table 11-2 summarizes the different voltage tolerances. Refer to Section 32.0 “Electrical Characteristics” for more details. TABLE 11-1: CONFIGURING ANALOG/DIGITAL FUNCTION OF AN I/O PIN Pin Function ANSx Setting TRISx Setting Comments Analog Input 11 It is recommended to keep ANSx = 1. Analog Output 11 It is recommended to keep ANSx = 1. Digital Input 01 Firmware must wait at least one instruction cycle after configuring a pin as a digital input before a valid input value can be read. Digital Output 00 Make sure to disable the analog output function on the pin if any is present. TABLE 11-2: INPUT VOLTAGE LEVELS FOR PORT OR PIN TOLERATED DESCRIPTION INPUT Port or Pin Tolerated Input Description PORTA<15:14, 7:0>(1) 5.5V Tolerates input levels above VDD; useful for most standard logic. PORTB<15:7, 5:2> PORTC<3:1>(1) PORTD<15:8, 5:0>(1) PORTE<9:8, 4:0>(1) PORTF<13:12, 8:0>(1) PORTG<15:12, 9, 6:0>(1) PORTA<10:9>(1) VDD Only VDD input levels are tolerated. PORTB<6, 1:0> PORTC<15:12, 4>(1) PORTD<7:6> PORTE<7:5>(1) PORTG<8:7> Note 1: Not all of these pins are implemented in 64-pin or 80-pin devices. Refer to Section 1.0 “Device Overview” for a complete description of port pin implementation. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |