| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 162 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 162 Page - Microchip Technology |
|
162 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 162 2010-2011 Microchip Technology Inc. REGISTER 10-1: DSCON: DEEP SLEEP CONTROL REGISTER(1) R/W-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 DSEN — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 r-0 R/W-0 R/C-0, HS — — — — — r DSBOR(2) RELEASE bit 7 bit 0 Legend: C = Clearable bit U = Unimplemented bit, read as ‘0’ R = Readable bit W = Writable bit HS = Hardware Settable bit r = Reserved bit -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 DSEN: Deep Sleep Enable bit 1 = Enters Deep Sleep on execution of PWRSAV #0 0 = Enters normal Sleep on execution of PWRSAV #0 bit 14-3 Unimplemented: Read as ‘0’ bit 2 Reserved: Maintain as ‘0’ bit 1 DSBOR: Deep Sleep BOR Event bit(2) 1 = The DSBOR was active and a BOR event was detected during Deep Sleep 0 = The DSBOR was not active or was active but did not detect a BOR event during Deep Sleep bit 0 RELEASE: I/O Pin State Release bit 1 = Upon waking from Deep Sleep, I/O pins maintain their states previous to Deep Sleep entry 0 = Release I/O pins from their state previous to Deep Sleep entry, and allow their respective TRIS and LAT bits to control their states Note 1: All register bits are reset only in the case of a POR event outside of Deep Sleep mode. 2: Unlike all other events, a Deep Sleep BOR event will NOT cause a wake-up from Deep Sleep; this re-arms POR. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |