| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 151 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 151 Page - Microchip Technology |
|
151 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 151 PIC24FJ128GA310 FAMILY 9.4.2 OSCILLATOR SWITCHING SEQUENCE At a minimum, performing a clock switch requires this basic sequence: 1. If desired, read the COSCx bits (OSCCON<14:12>) to determine the current oscillator source. 2. Perform the unlock sequence to allow a write to the OSCCON register high byte. 3. Write the appropriate value to the NOSCx bits (OSCCON<10:8>) for the new oscillator source. 4. Perform the unlock sequence to allow a write to the OSCCON register low byte. 5. Set the OSWEN bit to initiate the oscillator switch. Once the basic sequence is completed, the system clock hardware responds automatically as follows: 1. The clock switching hardware compares the COSCx bits with the new value of the NOSCx bits. If they are the same, then the clock switch is a redundant operation. In this case, the OSWEN bit is cleared automatically and the clock switch is aborted. 2. If a valid clock switch has been initiated, the LOCK (OSCCON<5>) and CF (OSCCON<3>) bits are cleared. 3. The new oscillator is turned on by the hardware if it is not currently running. If a crystal oscillator must be turned on, the hardware will wait until the OST expires. If the new source is using the PLL, then the hardware waits until a PLL lock is detected (LOCK = 1). 4. The hardware waits for 10 clock cycles from the new clock source and then performs the clock switch. 5. The hardware clears the OSWEN bit to indicate a successful clock transition. In addition, the NOSCx bits values are transferred to the COSCx bits. 6. The old clock source is turned off at this time, with the exception of LPRC (if WDT or FSCM are enabled) or SOSC (if SOSCEN remains set). A recommended code sequence for a clock switch includes the following: 1. Disable interrupts during the OSCCON register unlock and write sequence. 2. Execute the unlock sequence for the OSCCON high byte by writing 78h and 9Ah to OSCCON<15:8> in two back-to-back instructions. 3. Write new oscillator source to the NOSCx bits in the instruction immediately following the unlock sequence. 4. Execute the unlock sequence for the OSCCON low byte by writing 46h and 57h to OSCCON<7:0> in two back-to-back instructions. 5. Set the OSWEN bit in the instruction immediately following the unlock sequence. 6. Continue to execute code that is not clock-sensitive (optional). 7. Invoke an appropriate amount of software delay (cycle counting) to allow the selected oscillator and/or PLL to start and stabilize. 8. Check to see if OSWEN is ‘0’. If it is, the switch was successful. If OSWEN is still set, then check the LOCK bit to determine the cause of failure. The core sequence for unlocking the OSCCON register and initiating a clock switch is shown in Example 9-1. EXAMPLE 9-1: BASIC CODE SEQUENCE FOR CLOCK SWITCHING Note 1: The processor will continue to execute code throughout the clock switching sequence. Timing-sensitive code should not be executed during this time. 2: Direct clock switches between any Primary Oscillator mode with PLL and FRCPLL mode are not permitted. This applies to clock switches in either direc- tion. In these instances, the application must switch to FRC mode as a transition clock source between the two PLL modes. ;Place the new oscillator selection in W0 ;OSCCONH (high byte) Unlock Sequence MOV #OSCCONH, w1 MOV #0x78, w2 MOV #0x9A, w3 MOV.b w2, [w1] MOV.b w3, [w1] ;Set new oscillator selection MOV.b WREG, OSCCONH ;OSCCONL (low byte) unlock sequence MOV #OSCCONL, w1 MOV #0x46, w2 MOV #0x57, w3 MOV.b w2, [w1] MOV.b w3, [w1] ;Start oscillator switch operation BSET OSCCON,#0 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |