| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 146 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 146 Page - Microchip Technology |
|
146 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 146 2010-2011 Microchip Technology Inc. 9.1 CPU Clocking Scheme The system clock source can be provided by one of four sources: • Primary Oscillator (POSC) on the OSCI and OSCO pins • Secondary Oscillator (SOSC) on the SOSCI and SOSCO pins • Fast Internal RC (FRC) Oscillator • Low-Power Internal RC (LPRC) Oscillator The primary oscillator and FRC sources have the option of using the internal 4x PLL. The frequency of the FRC clock source can optionally be reduced by the programmable clock divider. The selected clock source generates the processor and peripheral clock sources. The processor clock source is divided by two to pro- duce the internal instruction cycle clock, FCY. In this document, the instruction cycle clock is also denoted by FOSC/2. The internal instruction cycle clock, FOSC/2, can be provided on the OSCO I/O pin for some operating modes of the primary oscillator. 9.2 Initial Configuration on POR The oscillator source (and operating mode) that is used at a device Power-on Reset event is selected using Configuration bit settings. The Oscillator Configuration bit settings are located in the Configuration registers in the program memory (refer to Section 29.0 “Special Features” for further details). The Primary Oscillator Configuration bits, POSCMD<1:0> (Configuration Word 2<1:0>), and the Initial Oscillator Select Configuration bits, FNOSC<2:0> (Configuration Word 2<10:8>), select the oscillator source that is used at a Power-on Reset. The FRC Primary Oscillator (FRCDIV) with postscaler is the default (unprogrammed) selection. The second- ary oscillator, or one of the internal oscillators, may be chosen by programming these bit locations. The Configuration bits allow users to choose between the various clock modes, shown in Table 9-1. 9.2.1 CLOCK SWITCHING MODE CONFIGURATION BITS The FCKSM Configuration bits (Configuration Word 2<7:6>) are used to jointly configure device clock switching and the Fail-Safe Clock Monitor (FSCM). Clock switching is enabled only when FCKSM1 is programmed (‘0’). The FSCM is enabled only when the FCKSM<1:0> bits are both programmed (‘00’). TABLE 9-1: CONFIGURATION BIT VALUES FOR CLOCK SELECTION Oscillator Mode Oscillator Source POSCMD<1:0> FNOSC<2:0> Note Fast RC Oscillator with Postscaler (FRCDIV) Internal 11 111 1, 2 (Reserved) Internal xx 110 1 Low-Power RC Oscillator (LPRC) Internal 11 101 1 Secondary (Timer1) Oscillator (SOSC) Secondary 11 100 1 Primary Oscillator (XT) with PLL Module (XTPLL) Primary 01 011 Primary Oscillator (EC) with PLL Module (ECPLL) Primary 00 011 Primary Oscillator (HS) Primary 10 010 Primary Oscillator (XT) Primary 01 010 Primary Oscillator (EC) Primary 00 010 Fast RC Oscillator with PLL Module (FRCPLL) Internal 11 001 1 Fast RC Oscillator (FRC) Internal 11 000 1 Note 1: OSCO pin function is determined by the OSCIOFCN Configuration bit. 2: This is the default oscillator mode for an unprogrammed (erased) device. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |