công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ128GA310 bảng dữ liệu(PDF) 120 Page - Microchip Technology

tên linh kiện PIC24FJ128GA310
Giải thích chi tiết về linh kiện  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 bảng dữ liệu(HTML) 120 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 116Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 117Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 118Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 119Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 120Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 121Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 122Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 123Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 120
 2010-2011 Microchip Technology Inc.
REGISTER 8-19:
IEC6: INTERRUPT ENABLE CONTROL REGISTER 6
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
—
—
—LCDIE
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented:
Read as ‘0’
bit 4
LCDIE:
LCD Controller Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 3-0
Unimplemented:
Read as ‘0’
REGISTER 8-20:
IEC7: INTERRUPT ENABLE CONTROL REGISTER 7
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
—
—JTAGIE
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-6
Unimplemented:
Read as ‘0’
bit 5
JTAGIE:
JATG Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 4-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com