công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ128GA310 bảng dữ liệu(PDF) 229 Page - Microchip Technology

tên linh kiện PIC24FJ128GA310
Giải thích chi tiết về linh kiện  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 bảng dữ liệu(HTML) 229 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 225Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 226Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 227Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 228Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 229Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 230Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 231Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 232Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 229
PIC24FJ128GA310 FAMILY
FIGURE 16-3:
SPI MASTER/SLAVE CONNECTION (STANDARD MODE)
FIGURE 16-4:
SPI MASTER/SLAVE CONNECTION (ENHANCED BUFFER MODES)
Serial Receive Buffer
(SPIxRXB)(2)
Shift Register
(SPIxSR)(2)
LSb
MSb
SDIx
SDOx
Processor 2 (SPI Slave)
SCKx
SSx(1)
Serial Transmit Buffer
(SPIxTXB)(2)
Serial Receive Buffer
(SPIxRXB)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
Processor 1 (SPI Master)
Serial Clock
SSEN (SPIxCON1<7>) = 1 and MSTEN (SPIxCON1<5>) = 0
Note 1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers
are memory mapped to SPIxBUF.
SCKx
Serial Transmit Buffer
(SPIxTXB)
MSTEN (SPIxCON1<5>) = 1)
SPIx Buffer
(SPIxBUF)(2)
SPIx Buffer
(SPIxBUF)(2)
Shift Register
(SPIxSR)
LSb
MSb
SDIx
SDOx
Processor 2 (SPI Enhanced Buffer Slave)
SCKx
SSx(1)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
Processor 1 (SPI Enhanced Buffer Master)
Serial Clock
SSEN (SPIxCON1<7>) = 1,
Note 1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are
memory mapped to SPIxBUF.
SSx
SCKx
8-Level FIFO Buffer
MSTEN (SPIxCON1<5>) = 1 and
SPIx Buffer
(SPIxBUF)(2)
8-Level FIFO Buffer
SPIx Buffer
(SPIxBUF)(2)
SPIBEN (SPIxCON2<0>) = 1
MSTEN (SPIxCON1<5>) = 0 and
SPIBEN (SPIxCON2<0>) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com