| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 218 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 218 Page - Microchip Technology |
|
218 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 218 2010-2011 Microchip Technology Inc. REGISTER 15-2: OCxCON2: OUTPUT COMPARE x CONTROL REGISTER 2 R/W-0 R/W-0 R/W-0 R/W-0 U-0 R/W-0 R/W-0 R/W-0 FLTMD FLTOUT FLTTRIEN OCINV — DCB1(3) DCB0(3) OC32 bit 15 bit 8 R/W-0 R/W-0 HS R/W-0 R/W-0 R/W-1 R/W-1 R/W-0 R/W-0 OCTRIG TRIGSTAT OCTRIS SYNCSEL4 SYNCSEL3 SYNCSEL2 SYNCSEL1 SYNCSEL0 bit 7 bit 0 Legend: HS = Hardware Settable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 FLTMD: Fault Mode Select bit 1 = Fault mode is maintained until the Fault source is removed and the corresponding OCFLT0 bit is cleared in software 0 = Fault mode is maintained until the Fault source is removed and a new PWM period starts bit 14 FLTOUT: Fault Out bit 1 = PWM output is driven high on a Fault 0 = PWM output is driven low on a Fault bit 13 FLTTRIEN: Fault Output State Select bit 1 = Pin is forced to an output on a Fault condition 0 = Pin I/O condition is unaffected by a Fault bit 12 OCINV: OCMP Invert bit 1 = OCx output is inverted 0 = OCx output is not inverted bit 11 Unimplemented: Read as ‘0’ bit 10-9 DCB<11:0>: PWM Duty Cycle Least Significant bits(3) 11 = Delay OCx falling edge by ¾ of the instruction cycle 10 = Delay OCx falling edge by ½ of the instruction cycle 01 = Delay OCx falling edge by ¼ of the instruction cycle 00 = OCx falling edge occurs at the start of the instruction cycle bit 8 OC32: Cascade Two OC Modules Enable bit (32-bit operation) 1 = Cascade module operation is enabled 0 = Cascade module operation is disabled bit 7 OCTRIG: OCx Trigger/Sync Select bit 1 = Trigger OCx from the source designated by the SYNCSELx bits 0 = Synchronize OCx with the source designated by the SYNCSELx bits bit 6 TRIGSTAT: Timer Trigger Status bit 1 = Timer source has been triggered and is running 0 = Timer source has not been triggered and is being held clear bit 5 OCTRIS: OCx Output Pin Direction Select bit 1 = OCx pin is tri-stated 0 = Output compare peripheral x is connected to an OCx pin Note 1: Never use an OC module as its own trigger source, either by selecting this mode or another equivalent SYNCSELx setting. 2: Use these inputs as trigger sources only and never as sync sources. 3: The DCB<1:0> bits are double-buffered in the PWM modes only (OCM<2:0> (OCxCON1<2:0>) = 111, 110). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |