công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACT8600 bảng dữ liệu(PDF) 38 Page - Active-Semi, Inc

tên linh kiện ACT8600
Giải thích chi tiết về linh kiện  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTIVE-SEMI [Active-Semi, Inc]
Trang chủ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 bảng dữ liệu(HTML) 38 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 34Page - Active-Semi, Inc ACT8600 Datasheet HTML 35Page - Active-Semi, Inc ACT8600 Datasheet HTML 36Page - Active-Semi, Inc ACT8600 Datasheet HTML 37Page - Active-Semi, Inc ACT8600 Datasheet HTML 38Page - Active-Semi, Inc ACT8600 Datasheet HTML 39Page - Active-Semi, Inc ACT8600 Datasheet HTML 40Page - Active-Semi, Inc ACT8600 Datasheet HTML 41Page - Active-Semi, Inc ACT8600 Datasheet HTML 42Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 38 -
www.active-semi.com
General Description
REG1, REG2 and REG3 are fixed-frequency,
current-mode,
synchronous
PWM
step-down
converters that achieves peak efficiencies of up to
97%. These regulators operate with a fixed frequency
of
2.22MHz,
minimizing
noise
in
sensitive
applications and allowing the use of small external
components. Additionally, REG1, REG2 and REG3
are available with a variety of standard and custom
output voltages, and may be software-controlled via
the I2C interface for systems that require advanced
power management functions.
Output Current Capability
REG1, REG2, and REG3 are capable of supplying
1200mA, 1200mA and 950mA output current,
respectively.
100% Duty Cycle Operation
REG1, REG2 and REG3 are capable of operating at
up to 100% duty cycle. During 100% duty cycle
operation, the high-side power MOSFETs are held on
continuously, providing a direct connection from the
input to the output (through the inductor), ensuring
the lowest possible dropout voltage in battery
powered applications.
Operating Mode
By default, REG1, REG2, and REG3 operate in
fixed-frequency PWM mode at medium to heavy
loads, then transition to a proprietary power-saving
mode at light loads in order to save power.
Synchronous Rectification
REG1, REG2, and REG3 each feature integrated
synchronous rectifiers, maximizing efficiency and
minimizing the total solution size and cost by
eliminating the need for external rectifiers.
Soft-Start
REG1, REG2 and REG3 include internal 500 us soft-
start ramps which limit the rate of change of the
output voltage, minimizing input inrush current and
ensuring that the output powers up in a monotonic
manner that is independent of loading on the outputs.
This circuitry is effective any time the regulator is
enabled, as well as after responding to a short-circuit
or other fault condition.
Compensation
REG1, REG2 and REG3 utilize current-mode control
and a proprietary internal compensation scheme to
simultaneously simplify external component selection
and optimize transient performance over their full
operating range. No compensation design is
required; simply follow a few simple guide lines
described
below
when
choosing
external
components.
Input Capacitor Selection
The input capacitor reduces peak currents and noise
induced upon the voltage source. A 4.7μF ceramic
capacitor is recommended for each regulator in most
applications.
Output Capacitor Selection
REG1, REG2 and REG3 were designed to take
advantage of the benefits of ceramic capacitors,
namely small size and very-low ESR. REG1, REG2
and REG3 are designed to operate with 22uF output
capacitor over most of their output voltage ranges,
although
more
capacitance
may
be
desired
depending on the duty cycle and load step
requirements.
Inductor Selection
REG1, REG2, and REG3 utilize current-mode control
and a proprietary internal compensation scheme to
simultaneously simplify external component selection
and optimize transient performance over their full
operating range. These devices were optimized for
operation with 3.3μH inductors, although inductors in
the 2.2μH to 4.7μH range can be used.
Configuration Options
Output Voltage Programming
By default, REG1, REG2 and REG3 power up and
regulate to their default output voltages. Once the
system is enabled, the output voltages may be
modified through either the I2C interface by writing to
the VSET[ ] register. Using I2C, the output voltage
may be programmed to any voltage as shown in
Table 4.
Interrupts
REG1, REG2 and REG3 may optionally interrupt the
processor if their output voltages fall out regulation.
Enable interrupts by setting a regulator’s nFLTMSK[ ]
bit.
STEP-DOWN DC/DC REGULATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com