công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

41594B bảng dữ liệu(PDF) 176 Page - Microchip Technology

tên linh kiện 41594B
Giải thích chi tiết về linh kiện  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B bảng dữ liệu(HTML) 176 Page - Microchip Technology

Back Button 41594B Datasheet HTML 172Page - Microchip Technology 41594B Datasheet HTML 173Page - Microchip Technology 41594B Datasheet HTML 174Page - Microchip Technology 41594B Datasheet HTML 175Page - Microchip Technology 41594B Datasheet HTML 176Page - Microchip Technology 41594B Datasheet HTML 177Page - Microchip Technology 41594B Datasheet HTML 178Page - Microchip Technology 41594B Datasheet HTML 179Page - Microchip Technology 41594B Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 176
Preliminary
 2011-2012 Microchip Technology Inc.
TABLE 22-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
205
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
83
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
84
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
86
PR2
Timer2 Module Period Register
173*
T2CON
—
T2OUTPS<3:0>
TMR2ON T2CKPS1 T2CKPS0
175
TMR2
Holding Register for the 8-bit TMR2 Register
173*
Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for Timer2 module.
* Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More