| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
41594B bảng dữ liệu(PDF) 371 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B bảng dữ liệu(HTML) 371 Page - Microchip Technology |
|
371 / 372 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41594B-page 371 PIC12LF1840T48A PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC12LF1840T48A Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C(Industrial) Package: ST = TSSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC12LF1840T48AT - I/ST 301 Tape and Reel, Industrial temperature, TSSOP package Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - |