| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
41594B bảng dữ liệu(PDF) 344 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B bảng dữ liệu(HTML) 344 Page - Microchip Technology |
|
344 / 372 page ![]() PIC12LF1840T48A DS41594B-page 344 Preliminary 2011-2012 Microchip Technology Inc. FIGURE 31-15: SPI MASTER MODE TIMING (CKE = 0, SMP = 0) FIGURE 31-16: SPI MASTER MODE TIMING (CKE = 1, SMP = 1) SSx SCKx (CKP = 0) SCKx (CKP = 1) SDOx SDIx SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In LSb In bit 6 - - - -1 Note: Refer to Figure 31-4 for load conditions. SSx SCKx (CKP = 0) SCKx (CKP = 1) SDOx SDIx SP81 SP71 SP72 SP74 SP75, SP76 SP78 SP80 MSb SP79 SP73 MSb In bit 6 - - - - - -1 LSb In bit 6 - - - -1 LSb Note: Refer to Figure 31-4 for load conditions. |