| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
41594B bảng dữ liệu(PDF) 236 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B bảng dữ liệu(HTML) 236 Page - Microchip Technology |
|
236 / 372 page ![]() SSP1IF Receive First Address Byte ACK Receive Second Address Byte ACK Receive Data ACK Receive Data ACK 1 1 1 1 0 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDA SCL UA CKP 1 2 34 5 6 78 91 2 3 4 5 6 7 8 91 2 3 4 5 6 7 8 9 1 2 34 5 6 78 9 P Master sends Stop condition Cleared by software Receive address is Software updates SSP1ADD Data is read SCL is held low Set by software, while CKP = 0 from SSP1BUF releasing SCL When SEN = 1; CKP is cleared after 9th falling edge of received byte read from SSP1BUF and releases SCL When UA = 1; If address matches Set by hardware on 9th falling edge SSP1ADD it is loaded into SSP1BUF SCL is held low S BF |