| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8352 bảng dữ liệu(PDF) 228 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 bảng dữ liệu(HTML) 228 Page - Wolfson Microelectronics plc |
|
228 / 336 page ![]() WM8352 Production Data w PD, February 2011, Rev 4.4 228 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO 8 LDO1_ENA 0 LDO1 enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Reset by state machine. Default held in metal mask. 5 DC6_ENA 0 DCDC6 converter enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Reset by state machine. Default held in metal mask. 4 DC5_ENA 0 DCDC5 converter enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Reset by state machine. Default held in metal mask. 3 DC4_ENA 0 DCDC4 converter enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Reset by state machine. Default held in metal mask. 2 DC3_ENA 0 DCDC3 converter enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Reset by state machine. Default held in metal mask. 1 DC2_ENA 0 DCDC2 converter enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Reset by state machine. Default held in metal mask. 0 DC1_ENA 0 DCDC1 converter enable 0 = disabled 1 = enabled Note: internal conditions may prevent the converter from actually switching on - see DCDC/LDO Status register for actual converter status. Reset by state machine. Default held in metal mask. Register 0Dh Power mgmt (6) |