| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8978CGEFL/V bảng dữ liệu(PDF) 63 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8978CGEFL/V bảng dữ liệu(HTML) 63 Page - Wolfson Microelectronics plc |
|
63 / 118 page ![]() Production Data WM8978 w PD, Rev 4.5, October 2011 63 OUT3/OUT4 MIXERS AND OUTPUT STAGES The OUT3/OUT4 pins can provide an additional stereo line output, a mono output, or a pseudo ground connection for headphones. There is a dedicated analogue mixer for OUT3 and one for OUT4 as shown in Figure 31. The OUT3 and OUT4 output stages are powered from SPKVDD and SPKGND. The individually controllable outputs also incorporate an optional 1.5x boost and level shifting stage. Figure 31 OUT3 and OUT4 Mixers OUT3 can provide a buffered midrail headphone pseudo-ground, or a left line output. OUT4 can provide a buffered midrail headphone pseudo-ground, a right line output, or a mono mix output. |