công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8978CGEFL/V bảng dữ liệu(PDF) 61 Page - Wolfson Microelectronics plc

tên linh kiện WM8978CGEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V bảng dữ liệu(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54
LOUT2 (SPK)
Volume
control
7
LOUT2ZC
0
Speaker volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
LOUT2MUTE
0
Left speaker output mute:
0 = Normal operation
1 = Mute
5:0
LOUT2VOL
111001
Left speaker output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
8
SPKVU
Not latched
LOUT2 and ROUT2 volumes do not
update until a 1 is written to SPKVU
(in reg 54 or 55)
R55
ROUT2 (SPK)
Volume
control
7
ROUT2ZC
0
Speaker volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
ROUT2MUTE
0
Right speaker output mute:
0 = Normal operation
1 = Mute
5:0
ROUT2VOL
111001
Right speaker output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
8
SPKVU
Not latched
LOUT2 and ROUT2 volumes do not
update until a 1 is written to SPKVU
(in reg 54 or 55)
Table 40 Speaker Volume Control
The signal output on LOUT2/ROUT2 comes from the Left/Right Mixer circuits and can be any
combination of the DAC output, the Bypass path (output of the input boost stage) and the AUX input.
The LOUT2/ROUT2 volume is controlled by the LOUT2VOL/ ROUT2VOL register bits. Gains over
0dB may cause clipping if the signal is large. The LOUT2MUTE/ ROUT2MUTE register bits cause
the speaker outputs to be muted (the output DC level is driven out). The output pins remain at the
same DC level (DCOP), so that no click noise is produced when muting or un-muting
The speaker output stages also have a selectable gain boost of 1.5x (3.52dB). When this boost is
enabled the output DC level is also level shifted (from AVDD/2 to 1.5xAVDD/2) to prevent the signal
from clipping. A dedicated amplifier BUFDCOP, as shown in Figure 30, is used to perform the DC
level shift operation. This buffer must be enabled using the BUFDCOPEN register bit for this
operating mode. It should also be noted that if SPKVDD is not equal to or greater than 1.5xAVDD this
boost mode may result in signals clipping. Table 42 summarises the effect of the SPKBOOST
control bits.
Note: When boost mode is selected, it is necessary to set LOUT2MUTE (R54[6]) and ROUT2MUTE
(R55[6]) bits for either output to be muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com