công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8978CGEFL/V bảng dữ liệu(PDF) 58 Page - Wolfson Microelectronics plc

tên linh kiện WM8978CGEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V bảng dữ liệu(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
58
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R52
LOUT1
Volume
control
7
LOUT1ZC
0
Headphone volume zero cross
enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
LOUT1MUTE
0
Left headphone output mute:
0 = Normal operation
1 = Mute
5:0
LOUT1VOL
111001
Left headphone output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
8
HPVU
Not latched
LOUT1 and ROUT1 volumes do not
update until a 1 is written to HPVU
(in reg 52 or 53)
R53
ROUT1
Volume
control
7
ROUT1ZC
0
Headphone volume zero cross
enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
ROUT1MUTE
0
Right headphone output mute:
0 = Normal operation
1 = Mute
5:0
ROUT1VOL
111001
Right headphone output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
8
HPVU
Not latched
LOUT1 and ROUT1 volumes do not
update until a 1 is written to HPVU
(in reg 52 or 53)
Table 39 OUT1 Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com