| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45F12 bảng dữ liệu(PDF) 91 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F12 bảng dữ liệu(HTML) 91 Page - Holtek Semiconductor Inc |
|
91 / 104 page ![]() Rev. 0.00 90 �e�te��e� ��� �01� Rev. 0.00 91 �e�te��e� ��� �01� HT45F12 8-Bit Flash MCU with Op Amps & Comparators HT45F12 8-Bit Flash MCU with Op Amps & Comparators Instruction Definition ADC A,[m] AddDataMemorytoACCwithCarry Description ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+[m]+C Affectedflag(s) OV,Z,AC,C ADCM A,[m] AddACCtoDataMemorywithCarry Description ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded. TheresultisstoredinthespecifiedDataMemory. Operation [m]←ACC+[m]+C Affectedflag(s) OV,Z,AC,C ADD A,[m] AddDataMemorytoACC Description ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+[m] Affectedflag(s) OV,Z,AC,C ADD A,x AddimmediatedatatoACC Description ThecontentsoftheAccumulatorandthespecifiedimmediatedataareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+x Affectedflag(s) OV,Z,AC,C ADDM A,[m] AddACCtoDataMemory Description ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded. TheresultisstoredinthespecifiedDataMemory. Operation [m]←ACC+[m] Affectedflag(s) OV,Z,AC,C AND A,[m] LogicalANDDataMemorytoACC Description DataintheAccumulatorandthespecifiedDataMemoryperformabitwiselogicalAND operation.TheresultisstoredintheAccumulator. Operation ACC←ACC″AND″[m] Affectedflag(s) Z AND A,x LogicalANDimmediatedatatoACC Description DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalAND operation.TheresultisstoredintheAccumulator. Operation ACC←ACC″AND″x Affectedflag(s) Z ANDM A,[m] LogicalANDACCtoDataMemory Description DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalAND operation.TheresultisstoredintheDataMemory. Operation [m]←ACC″AND″[m] Affectedflag(s) Z |