công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT47C06L bảng dữ liệu(PDF) 20 Page - Holtek Semiconductor Inc

tên linh kiện HT47C06L
Giải thích chi tiết về linh kiện  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L bảng dữ liệu(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT47C06L Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 22Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 23Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Application Circuits
HT47C06L
Rev. 1.00
20
June 15, 2007
H T 4 7 C 0 6 L
C O M 0 ~ 1
C O M 2 / S E G 1 3
S E G 0 ~ 1 2
L C D
P a n e l
V C C
V D D
P A 3
P A 4
P A 5
P A 6
P A 7
L V D
V S S
R C I N
R R E F
R S E N
O S C 1
O S C 2
R E S
1 . 5 V
2 2 0 0 p F
S e n s o r
0 . 1 m F
0 . 1 m F
0 . 1 m F
V D D
V S S
1 0 m F
1 0 0 k W
0 . 1 m F
P A 0 / B Z
P A 1 / B Z
P A 2 / E L
C 1
C 2
R O S C
Mask Option
The following shows many kinds of mask options in the HT47C06L. All these options should be defined in order to en-
sure proper system functioning.
No.
Function
1
WDT enable or disable selection.
(0=enable; 1=disable)
2
Buzzer output frequency selection.
There are four types of frequency signals for the buzzer output frequency: fSYS/2
2 to f
SYS/2
5
3
To define the PA0 and PA1 output function.
0=Normal output
1=Buzzer output. PA0 is BZ output, PA1 is BZ output.
4
To define the PA2 output function.
PA2 is normal output or EL carrier output.
5
Oscillator/LCD are on or off when CPU HALT
0=Oscillator/LCD is off at HALT
1=Oscillator/LCD is on at HALT
6
PA0~PA7 pull-high option in input mode (0: enable; 1: disable)
7
LCD common selection.
There are two types of selection: 2 common (1/2 duty) or 3 common (1/3 duty).
If the 3 common is selected, the segment output pin
²SEG13² will be set as a common output.
8
LCD driver clock selection.
There are four types of frequency signals for the LCD driver circuits: fSYS/2
3 to f
SYS/2
6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com