công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT47C06L bảng dữ liệu(PDF) 17 Page - Holtek Semiconductor Inc

tên linh kiện HT47C06L
Giải thích chi tiết về linh kiện  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L bảng dữ liệu(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT47C06L Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
HT47C06L
Rev. 1.00
17
June 15, 2007
The PA2 is pin-shared with EL carrier signals. If the EL
carrier output is selected, the output signal in output
mode of PA2 will be the EL carrier signal. The input mode
always remains its original functions. The EL carrier out-
put signal (in output mode) is controlled by the PA2 data
register. The truth table of PA2/EL is listed below.
PA2
Data Register
PA2
Pad Function
0 (CLR PA.2)
PA2=0
1 (SET PA.2)
PA2=EL carrier output
V D D
P A 0 ~ P A 7
M
U
X
S y s t e m W a k e - u p
R e a d D a t a R e g i s t e r
D
Q
C K Q B
S
D
Q
C K Q B
S
C o n t r o l B i t
P H
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
Note: BZ and EL mode functions are not shown in this diagram
E L C a r r i e r S i g n a l
E L C a r r i e r S i g n a l
2 / f O S C ( = 2 5 0 m s )
5
1 / f O S C ( = 7 . 8 m s )
P A . 2 = 1
P A . 2 = 0
EL Timing (fOSC=128kHz)
LCD Display Memory
The device provides an area of embedded data memory
for LCD display. This area is located from 40H to 4DH of
the RAM at Bank 1. Bank pointer (BP; located at 04H of
the RAM) is the switch between the RAM and the LCD
display memory. When the BP is set as
²01H², any data
written into 40H~4DH will effect the LCD display. When
the BP is cleared to
²00H², any data written into 40H~
4DH means to access the general purpose data mem-
ory. The LCD display memory can be read and written to
only by indirect addressing mode using MP1. When
data is written into the display data area, it is automati-
cally read by the LCD driver which then generates the
corresponding LCD driving signals. To turn the display
on or off, a
²1² or a ²0² is written to the corresponding bit
of the display memory, respectively. The figure illus-
trates the mapping between the display memory and
LCD pattern for the device.
4 0 H
C O M
0
1
2
S E G M E N T
4 1 H
4 2 H
4 3 H
0 B H
0 C H 0 D H
B i t
0
1
2
0
1
2
3
1 1
1 2
1 3
Display Memory (Bank 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com