| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LRI1K bảng dữ liệu(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LRI1K bảng dữ liệu(HTML) 84 Page - STMicroelectronics |
|
84 / 86 page ![]() CRC (Informative) LRI1K 84/86 Doc ID 17170 Rev 3 B.3 Application family identifier (AFI) (informative) The AFI (application family identifier) represents the type of application targeted by the VCD and is used to extract from all the LRI1K present only the LRI1K meeting the required application criteria. It is programmed by the LRI1K issuer (the purchaser of the LRI1K). Once locked, it cannot be modified. The most significant nibble of the AFI is used to code one specific or all application families, as defined in Table 94. The least significant nibble of the AFI is used to code one specific or all application subfamilies. Subfamily codes different from 0 are proprietary. Table 94. AFI coding(1) 1. X = '1' to 'F', Y = '1' to 'F. AFI most significant nibble AFI least significant nibble Meaning VICCs respond from Examples / Note ‘0’ ‘0’ All families and subfamilies No applicative preselection ‘X’ '0 'All subfamilies of family X Wide applicative preselection 'X '‘Y’ Only the Yth subfamily of family X ‘0’ ‘Y’ Proprietary subfamily Y only ‘1 '‘0’, ‘Y’ Transport Mass transit, Bus, Airline etc. '2 '‘0’, ‘Y’ Financial IEP, Banking, Retail etc. '3 '‘0’, ‘Y’ Identification Access Control etc. '4 '‘0’, ‘Y’ Telecommunication Public Telephony, GSM etc. ‘5’ ‘0’, ‘Y’ Medical '6 '‘0’, ‘Y’ Multimedia Internet services etc. '7 '‘0’, ‘Y’ Gaming 8 '‘0’, ‘Y’ Data storage Portable Files etc. '9 '‘0’, ‘Y’ Item management 'A '‘0’, ‘Y’ Express parcels 'B '‘0’, ‘Y’ Postal services 'C '‘0’, ‘Y’ Airline bags 'D '‘0’, ‘Y’ RFU 'E '‘0’, ‘Y’ RFU ‘F’ ‘0’, ‘Y’ RFU |