| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F272M bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F272M bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 176 page ![]() ST10F272M Central processing unit (CPU) Doc ID 12968 Rev 3 49/176 7.3 MAC co-processor specific instructions Table 28 lists the MAC instructions of the ST10F272M. The detailed description of each instruction can be found in the ST10 family programming manual. Note that all MAC instructions are encoded on 4 bytes. Table 28. MAC instruction set summary Mnemonic Description CoABS Absolute value of the accumulator CoADD(2) Addition CoASHR(rnd) Accumulator arithmetic shift right and optional round CoCMP Compare accumulator with operands CoLOAD(-,2) Load accumulator with operands CoMAC(R,u,s,-,rnd) (Un)signed/(un)signed multiply-accumulate and optional round CoMACM(R)(u,s,-,rnd) (Un)signed/(un)signed multiply-accumulate with parallel data move and optional round CoMAX / CoMIN Maximum/minimum of operands and accumulator CoMOV Memory to memory move CoMUL(u,s,-,rnd) (Un)signed/(un)signed multiply and optional round CoNEG(rnd) Negate accumulator and optional round CoNOP No operation CoRND Round accumulator CoSHL / CoSHR Accumulator logical shift left/right CoSTORE Store a MAC unit register CoSUB(2,R) Subtraction |