công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F272M bảng dữ liệu(PDF) 91 Page - STMicroelectronics

tên linh kiện ST10F272M
Giải thích chi tiết về linh kiện  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M bảng dữ liệu(HTML) 91 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 87Page - STMicroelectronics ST10F272M_12 Datasheet HTML 88Page - STMicroelectronics ST10F272M_12 Datasheet HTML 89Page - STMicroelectronics ST10F272M_12 Datasheet HTML 90Page - STMicroelectronics ST10F272M_12 Datasheet HTML 91Page - STMicroelectronics ST10F272M_12 Datasheet HTML 92Page - STMicroelectronics ST10F272M_12 Datasheet HTML 93Page - STMicroelectronics ST10F272M_12 Datasheet HTML 94Page - STMicroelectronics ST10F272M_12 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 176 page
background image
ST10F272M
System reset
Doc ID 12968 Rev 3
91/176
or watchdog reset become a short hardware reset. On the contrary, if RSTF remains
low for less than 4 TCL, the device simply exits reset state.
The bidirectional reset is not effective in case RPD is held low, when a software or watchdog
reset event occurs. On the contrary, if a software or watchdog bidirectional reset event is
active and RPD becomes low, the RSTIN pin is immediately released, while the internal
reset sequence is completed regardless of RPD status change (1024 TCL).
Note:
The bidirectional reset function is disabled by any reset sequence (bit BDRSTEN of
SYSCON is cleared). To be activated again it must be enabled during the initialization
routine.
WDTCON flags
Similar to what is highlighted in the previous section, when discussing short reset and the
degeneration into long reset, comparable situations may occur when bidirectional reset is
enabled. The presence of the internal filter on RSTIN pin introduces a delay: When RSTIN is
released, the internal signal after the filter (see RSTF in the drawings) is delayed, so it
remains still active (low) for a while. It means that depending on the internal clock speed, a
short reset may be recognized as a long reset: The WDTCON flags are set accordingly.
Moreover, when either software or watchdog bidirectional reset events occur, when the
RSTIN pin is released (at the end of the internal reset sequence), the RSTF internal signal
(after the filter) remains low for a while, and depending on the clock frequency it is
recognized high or low: 8TCL after the completion of the internal sequence, the level of
RSTF signal is sampled, and if recognized still low a hardware reset sequence starts, and
WDTCON will flag this last event, masking the previous one (software or watchdog reset).
Typically, a short hardware reset is recognized, unless the RSTIN pin (and consequently
internal signal RSTF) is sufficiently held low by the external hardware to inject a long
hardware reset. After this occurrence, the initialization routine is not able to recognize a
software or watchdog bidirectional reset event, since a different source is flagged inside
WDTCON register. This phenomenon does not occur when internal Flash is selected during
reset (EA = 1), since the initialization of the Flash itself extend the internal reset duration
well beyond the filter delay.
Figures Figure 27, Figure 28 and Figure 29 summarize the timing for software and
watchdog timer bidirectional reset events: In particular Figure 29 shows the degeneration
into hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com