| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPMC1 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMC1 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 77 page ![]() STPMC1 Theory of operation Doc ID 15728 Rev 6 51/77 9.17.6 Group 5 data records 5.1 DFR: ● R-phase active energy fundamental: 20-bit accumulator of R phase active energy from fundamental harmonic ● R-phase status: 8-bit R phase status (see Table 32). Bit [0] (BIL) represents no-load condition for phase R active energy fundamental. 5.2 DFS: ● S-phase active energy fundamental: 20-bit accumulator of S phase active energy from fundamental harmonic ● S-phase status: 8-bit S phase status (see Table 32). Bit [0] (BIL) represents no-load condition for phase S active energy fundamental. 5.3 DFT: ● T-phase active energy fundamental: 20-bit accumulator of T phase active energy from fundamental harmonic ● T-phase status: 8-bit T phase status (see Table 32). Bit [0] (BIL) represents no-load condition for phase T active energy fundamental. 5.4 CF2: ● bits [83..56] of configurators (see Table 33) Figure 19. Group 5 data records 4 bit DFR DFS DFT CF2 parity R-phase active energy fundamental R-phase status parity S-phase status S-phase active energy fundamental parity T-phase active energy fundamental T-phase status parity bits [83..56] of configurators 8 bit 20 bit 20 bit 4 bit 4 bit 4 bit DFR DFS DFT CF2 parity R-phase active energy fundamental R-phase status parity R-phase active energy fundamental R-phase status parity S-phase status S-phase active energy fundamental parity S-phase status S-phase active energy fundamental parity T-phase active energy fundamental T-phase status parity T-phase active energy fundamental T-phase status parity bits [83..56] of configurators parity bits [83..56] of configurators 8 bit 8 bit 20 bit 20 bit 20 bit 20 bit 4 bit DFR DFS DFT CF2 parity R-phase active energy fundamental R-phase status parity S-phase status S-phase active energy fundamental parity T-phase active energy fundamental T-phase status parity bits [83..56] of configurators 8 bit 20 bit 20 bit 4 bit 4 bit 4 bit DFR DFS DFT CF2 parity R-phase active energy fundamental R-phase status parity R-phase active energy fundamental R-phase status parity S-phase status S-phase active energy fundamental parity S-phase status S-phase active energy fundamental parity T-phase active energy fundamental T-phase status parity T-phase active energy fundamental T-phase status parity bits [83..56] of configurators parity bits [83..56] of configurators 8 bit 8 bit 20 bit 20 bit 20 bit 20 bit |