| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPMC1 bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMC1 bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 77 page ![]() Theory of operation STPMC1 48/77 Doc ID 15728 Rev 6 Equation 11 ● iN MOM: 16-bit momentary value of neutral current Note: In systems 3-phase, no neutral, uST, uTR, uRS replace uR, uS, uT respectively. 9.17.3 Group 2 data records 2.1 DER: ● uR RMS: 12-bit RMS value of R phase voltage ● iR RMS: 16-bit RMS value of R phase current 2.2 DES: ● uS RMS: 12-bit RMS value of S phase voltage ● iS RMS: 16-bit RMS value of S phase current 2.3 DET: ● uT RMS: 12-bit RMS value of T phase voltage ● iT RMS: 16-bit RMS value of T phase current 2.4 DEN: ● uN RMS: 12-bit RMS value of voltage channel of NDSP. It may be DAN-V or DAH according to the value of ENH bit. ● iN RMS: 16-bit RMS value of neutral current Note: In systems 3-phase, no neutral, UST, UTR, URS replace UR, US, UT respectively. RMS X 4 i sIRMS ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ = ∑ Figure 16. Group 2 data records DER parity iR RMS uR RMS DES DET DEN parity iS RMS uS RMS parity iT RMS uT RMS parity iN RMS uN RMS 12 bit 4 bit 16 bit DER parity iR RMS uR RMS parity iR RMS uR RMS DES DET DEN parity iS RMS uS RMS parity iS RMS uS RMS parity iT RMS uT RMS parity iT RMS uT RMS parity iN RMS uN RMS parity iN RMS uN RMS 12 bit 12 bit 4 bit 4 bit 4 bit 16 bit 16 bit DER parity iR RMS uR RMS DES DET DEN parity iS RMS uS RMS parity iT RMS uT RMS parity iN RMS uN RMS 12 bit 4 bit 16 bit DER parity iR RMS uR RMS parity iR RMS uR RMS DES DET DEN parity iS RMS uS RMS parity iS RMS uS RMS parity iT RMS uT RMS parity iT RMS uT RMS parity iN RMS uN RMS parity iN RMS uN RMS 12 bit 12 bit 4 bit 4 bit 4 bit 16 bit 16 bit |