| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXD3003 bảng dữ liệu(PDF) 132 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 bảng dữ liệu(HTML) 132 Page - Sony Corporation |
|
132 / 137 page ![]() – 132 – CXD3003R TRK Servo Gain Normal; Fs = 88.2kHz, during quasi double accuracy (Ex.: $3EXAX0) K1F K1E 80H K21 Z–1 K1D Z–1 7FH K1C 81H Z–1 M0C M0B 2–7 2–7 M0D M0E Z–1 K22 K23 TRK AUTO Gain TRK PWM 27 TRK JMP M0F 2–1 K19 AGTON K19 DFCT TRK Hold Reg TRK In Reg Sin ROM K1A K1B 2–7 2–7 K20 2–7 ∗ ∗ ∗ ∗ 81H, 7FH and 80H are each Hex display 8-bit fixed values when set to quasi double accuracy. Note) Set the MSB bit of the K1D and K1F coefficients during normal operation, and of the K1A, K1B and K20 coefficients during quasi double accuracy to 0. TRK Servo Gain up 1; Fs = 88.2kHz, during quasi double accuracy (Ex.: $3EX5X0) K3D Z–1 K3C Z–1 7FH 80H 81H Z–1 M0C M0B 2–7 M0E K3E K23 TRK AUTO Gain TRK PWM 27 TRK JMP M0F 2–1 K19 DFCT TRK Hold Reg TRK In Reg K1A K1B 2–7 2–7 ∗ ∗ ∗ ∗ 81H, 7FH and 80H are each Hex display 8-bit fixed values when set to quasi double accuracy. Note) Set the MSB bit of the K1A, K1B and K3C coefficients during quasi double accuracy to 0. |