công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD1036F bảng dữ liệu(PDF) 4 Page - Toshiba Semiconductor

tên linh kiện TPD1036F
Giải thích chi tiết về linh kiện  2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1036F bảng dữ liệu(HTML) 4 Page - Toshiba Semiconductor

  TPD1036F Datasheet HTML 1Page - Toshiba Semiconductor TPD1036F Datasheet HTML 2Page - Toshiba Semiconductor TPD1036F Datasheet HTML 3Page - Toshiba Semiconductor TPD1036F Datasheet HTML 4Page - Toshiba Semiconductor TPD1036F Datasheet HTML 5Page - Toshiba Semiconductor TPD1036F Datasheet HTML 6Page - Toshiba Semiconductor TPD1036F Datasheet HTML 7Page - Toshiba Semiconductor TPD1036F Datasheet HTML 8Page - Toshiba Semiconductor TPD1036F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TPD1036F
2008-09-12
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
DC
VDS
30
V
Drain current
ID
Internally limited
A
Input voltage
VIN
−0.3 to 6
V
Power dissipation (t
= 10 s) (Note 2)
PD
2.0
W
Single pulse active clamp capability (Note 3)
EAS
23
mJ
Active clamp current
IAR
1.5
A
Repetitive active clamp capability (Note 4)
EAR
0.2
mJ
Operating temperature
Topr
−40 to 110
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient (Note 2)
Rth (ch-a)
62.5
°C/W
Note 2: Mount on glass epoxy boad [25.4
× 25.4 × 0.8mm] (with the two devices driving)(t =10 s)
Note 3: Single pulse active clamp capability test condition
VDD = 25 V, Tch = 25°C (initial), L = 10 mH, IAR = 1.5 A, RG = 25Ω
Note 4: Repetitive rating: Pulse width limited by maximum channel temperature



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com