| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SI8711CD-B-IM bảng dữ liệu(PDF) 30 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
SI8711CD-B-IM bảng dữ liệu(HTML) 30 Page - Silicon Laboratories |
|
30 / 36 page ![]() Si87xx 30 Preliminary Rev. 0.5 16. Package Outline: LGA8 Figure 21 illustrates the package details for the Si87xx in an LGA8 package. Table 22 lists the values for the dimensions shown in the illustration. Figure 21. LGA8 Package Table 22. Package Diagram Dimensions Dimension Min Nom Max A 0.74 0.84 0.94 b 1.15 1.20 1.25 D 10.00 BSC. e 2.54 BSC. E 12.50 BSC. L 1.05 1.10 1.15 L1 0.05 0.10 0.15 aaa — — 0.10 bbb — — 0.10 ccc — — 0.10 ddd — — 0.10 Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and Tolerancing per ANSI Y14.5M-1994. 3. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components. |