| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SI8711CD-B-IM bảng dữ liệu(PDF) 12 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
SI8711CD-B-IM bảng dữ liệu(HTML) 12 Page - Silicon Laboratories |
|
12 / 36 page ![]() Si87xx 12 Preliminary Rev. 0.5 2. Application Information 2.1. Theory of Operation The Si87xx are pin-compatible, one-channel, drop-in replacements for popular optocouplers with data rates up to 15 Mbps. The operation of an Si87xx channel is analogous to that of an opto coupler, except an RF carrier is modulated instead of light. This simple architecture provides a robust isolated data path and requires no special considerations or initialization at start-up. A simplified block diagram for the Si87xx is shown in Figure 5. Figure 5. Simplified Channel Diagram RF OSCILLATOR MODULATOR DEMODULATOR A B Semiconductor- Based Isolation Barrier Transmitter Receiver LED Emulator Output Stage Open Collector |