công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 18 Page - Freescale Semiconductor, Inc

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH70029A bảng dữ liệu(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 98ASH70029A Datasheet HTML 14Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 15Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 16Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 17Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 18Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 19Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 20Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 21Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
6.1 External oscillator (XOSC) and ICS characteristics
Table 9. XOSC and ICS specifications (temperature range = -40 to 105 °C ambient)
Num
C
Characteristic
Symbol
Min
Typical1
Max
Unit
1
C
Oscillator
crystal or
resonator
Low range (RANGE = 0)
flo
32
—
40
kHz
C
High range (RANGE = 1)
FEE or FBE mode
fhi
4
—
20
MHz
C
High range (RANGE = 1),
high gain (HGO = 1),
FBELP mode
fhi
4
—
20
MHz
C
High range (RANGE = 1),
low power (HGO = 0),
FBELP mode
fhi
4
—
20
MHz
2
D
Load capacitors
C1, C2
See Note3
3
D
Feedback
resistor
Low Frequency, Low-Power
Mode
RF
—
—
—
MΩ
Low Frequency, High-Gain
Mode
—
10
—
MΩ
High Frequency, Low-
Power Mode
—
1
—
MΩ
High Frequency, High-Gain
Mode
—
1
—
MΩ
4
D
Series resistor -
Low Frequency
Low-Power Mode 4
RS
—
—
—
kΩ
High-Gain Mode
—
200
—
kΩ
5
D
Series resistor -
High Frequency
Low-Power Mode4
RS
—
—
—
kΩ
D
Series resistor -
High
Frequency,
High-Gain Mode
4 MHz
—
0
—
kΩ
D
8 MHz
—
0
—
kΩ
D
16 MHz
—
0
—
kΩ
6
C
Crystal start-up
time Low range
= 32.768 KHz
crystal; High
range = 20 MHz
crystal, 6
Low range, low power
tCSTL
—
1000
—
ms
C
Low range, high power
—
800
—
ms
C
High range, low power
tCSTH
—
3
—
ms
C
High range, high power
—
1.5
—
ms
7
T
Internal reference start-up time
tIRST
—
20
50
µs
8
D
Square wave
input clock
frequency
FEE or FBE mode2
fextal
0.03125
—
5
MHz
D
FBELP mode
0
—
20
MHz
9
P
Average internal reference frequency -
trimmed
fint_t
—
32.768
—
kHz
10
P
DCO output frequency range - trimmed
fdco_t
16
—
20
MHz
11
P
Total deviation
of DCO output
from trimmed
frequency5
Over full voltage and
temperature range
Δfdco_t
—
—
±2.0
%fdco
C
Over fixed voltage and
temperature range of 0 to
70 °C
±1.0
12
C
FLL acquisition time5, 7
tAcquire
—
—
2
ms
Table continues on the next page...
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
18
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com