| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
98ASH70029A bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
98ASH70029A bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 35 page ![]() Ordering parts 1.1 Determining valid orderable parts Valid orderable part numbers are provided on the web. To determine the orderable part numbers for this device, go to www.freescale.com and perform a part number search for the following device numbers: PA60 and PA32. Part identification 2.1 Description Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received. 2.2 Format Part numbers for this device have the following format: MC 9 S08 PA AA B CC 2.3 Fields This table lists the possible values for each field in the part number (not all combinations are valid): Field Description Values MC Qualification status • MC = fully qualified, general market flow 9 Memory S08 Core • S08 = 8-bit CPU PA Device family • PA AA Approximate flash size in KB • 60 = 60 KB • 32 = 32 KB B Temperature range (°C) • V = –40 to 105 Table continues on the next page... 1 2 Ordering parts MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012. 4 Freescale Semiconductor, Inc. |