công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 16 Page - Freescale Semiconductor, Inc

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH70029A bảng dữ liệu(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 98ASH70029A Datasheet HTML 12Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 13Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 14Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 15Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 16Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 17Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 18Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 19Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
tTCLK
tclkh
tclkl
TCLK
Figure 9. Timer external clock
tICPW
FTMCHn
tICPW
FTMCHn
Figure 10. Timer input capture pulse
Thermal specifications
5.3.1 Thermal characteristics
This section provides information about operating temperature range, power dissipation,
and package thermal resistance. Power dissipation on I/O pins is usually small compared
to the power dissipation in on-chip logic and voltage regulator circuits, and it is user-
determined rather than being controlled by the MCU design. To take PI/O into account in
power calculations, determine the difference between actual pin voltage and VSS or VDD
and multiply by the pin current for each I/O pin. Except in cases of unusually high pin
current (heavy loads), the difference between pin voltage and VSS or VDD will be very
small.
Table 8. Thermal characteristics
Rating
Symbol
Value
Unit
Operating temperature range
(packaged)
TA
-40 to 105
°C
Junction temperature range
TJ
-40 to 150
°C
Thermal resistance single-layer board
64-pin LQFP
θJA
71
°C/W
64-pin QFP
θJA
61
°C/W
48-pin LQFP
θJA
81
°C/W
44-pin LQFP
θJA
75
°C/W
32-pin LQFP
θJA
86
°C/W
Table continues on the next page...
5.3
Thermal specifications
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
16
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com