công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TNETX3100PGW bảng dữ liệu(PDF) 51 Page - Texas Instruments

tên linh kiện TNETX3100PGW
Giải thích chi tiết về linh kiện  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100PGW bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button TNETX3100PGW Datasheet HTML 47Page - Texas Instruments TNETX3100PGW Datasheet HTML 48Page - Texas Instruments TNETX3100PGW Datasheet HTML 49Page - Texas Instruments TNETX3100PGW Datasheet HTML 50Page - Texas Instruments TNETX3100PGW Datasheet HTML 51Page - Texas Instruments TNETX3100PGW Datasheet HTML 52Page - Texas Instruments TNETX3100PGW Datasheet HTML 53Page - Texas Instruments TNETX3100PGW Datasheet HTML 54Page - Texas Instruments TNETX3100PGW Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
tertiary test access
The internal RAM access infers only that both DIO port and internal RAM structures are functioning correctly.
It does not provide information on the TNETX3100 data paths (to and from the RAMS) during normal frame
operations or an indication of the control-path functionality. To assist with this further, the proposed tests are
as follows:
• DRAM access — this test proves that the data path between FIFO and DRAM is functioning, along with
certain sections of the queue manager and FIFO logic operations.
• Frame forwarding — frame data is forwarded from one port to the next using a loopback mode. This
builds on the previous tests, and ensures that the data path to and from the protocol handlers and
control paths are operational. The number of ports that take part in forwarding is controlled using the
VLAN registers, allowing any number of ports to be tested in this mode. Single connections can be
tested, allowing individual protocol-handler data paths-to-FIFO connections to be tested or
multiple-port testing that allows reduced system test time.
external DRAM test access
Using the incremental test approach (after the FIFO is tested and verified), the data path to and control of the
external DRAM is verified.
DRAM writes are carried out by first constructing a buffer in the FIFO (64 bytes), and then initiating a buffer write
from the FIFO to the DRAM. The buffer is transferred like a normal buffer transfer in a 17-write DRAM burst.
The forward-pointer field is mapped to the DRAM data register, and the flag data fields are mapped to the DRAM
flag register.
Reading from the DRAM performs a buffer transfer to the FIFO from which individual bytes can be read (and
tested) through the DIO interface. The flag bytes and forward-pointer bytes are transferred from the DRAM to
the DRAM data and DRAM flag registers for reading.
The buffer transfer mechanism, when operated in DRAM test-access mode, does not check the flag status. No
actions are performed, depending on the status of the flags. The transfer is a test data transfer, with no attempt
made to comprehend flag contents.
After completion of the DRAM testing, the TNETX3100 should be reset before normal switching activity is
resumed. This ensures that the TNETX3100 is returned to a defined state before normal functionality is
resumed. This mechanism is intended primarily for DRAM testing and is not a part of a breakpoint/debug
mechanism.
For more information refer, to the
DRAM test-access operation register section in the TNETX3100 register
descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com