| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX3100PGW bảng dữ liệu(PDF) 50 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100PGW bảng dữ liệu(HTML) 50 Page - Texas Instruments |
|
50 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 50 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 internal and external frame-wrap example Perform the following steps to configure the TNETX3100 for the internal frame-wrap configuration: Step 1. Disable any enternal address-matching hardware. (No traffic should be received by the TNETX3100 at this time.) Step 2. With power on, place TNETX3100 in a reset state by writing 0x81 at address 0x00D3. Step 3. While the TNETX3100 is in reset, configure the VLAN mask registers (0x00B8–0x00CB). For this example, all ports are in the wrap chain. VLAN0 MASK = 0x0002 VLAN1 MASK = 0x0004 VLAN2 MASK = 0x0008 VLAN3 MASK = 0x0010 VLAN4 MASK = 0x0020 VLAN5 MASK = 0x0040 VLAN6 MASK = 0x0080 VLAN7 MASK = 0x0100 VLAN8 MASK = 0x0200 VLAN9 MASK = 0x0001 Step 4. Start the TNETX3100 by writing a 1 to the start bit and make sure the IOBMOD bit also is a 1 (0x21 at address 0x00D3). Step 5. Set all ports to full duplex and enable all ports. Step 6. Set the broadcast unknown (BRUN) bit to zero (address 0x00A1). Step 7. Configure the TNETX3100 for test mode by writing a 1 to the MTEST bit (address 0x00D2). Step 8. Configure the TNETX3100 for internal wrap mode by writing a 1 to the INTWRAP. See the data sheet for INTWRAP details. The port that is not wrapped (00, 01, or 09) is used to inject and observe test data frames from internally wrapped ports. For port 00, write 0x02 at address 0x00DD. For port 01, write 0x40 at address 0x00DD. For port 09, write 0x06 at address 0x00DD. Step 9. Transmit a broadcast/multicast frame into the TNETX3100 port corresponding to the INTWRAP setting. The frame that is sent into the test port is received by the same port (provided the VLAN register settings steered the packet back to that port). Compare the frame transmitted against the frame received and verify that the TNETX3100 is working correctly. For external wrap mode, replace steps 8 and 9 with the following: Step 8. Configure the TNETX3100 for external wrap mode by writing 0x08 at address 0x00DD. Step 9. Configure all PHY – layer devices except port 00 for internal loopback. Step 10. Transmit a broadcast/multicast frame into the TNETX3100 on port 00. The frame that is sent into the test port is received by the same port (provided the VLAN register settings steer the packet back to that port). Compare the frame transmitted against the frame received and verify that the TNETX3100 is working correctly. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |