| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX3100PGW bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100PGW bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 41 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 port-N statistics 0x80*N + 0x8000 through 0x80*N + 0x807F (N = port number in hex) +7 +6 +5 +4 +3 +2 +1 +0 ADDRESS Good RX frames RX octets 0x80*N + 0x8000 Multicast RX frames Broadcast RX frames 0x80*N + 0x8008 RX align/code errors RX CRC errors 0x80*N + 0x8010 RX jabbers Oversize RX frames 0x80*N + 0x8018 RX fragments Undersize RX frames 0x80*N + 0x8020 Frames 65–127 Frame 64 0x80*N + 0x8028 Frames 256–511 Frames 128–255 0x80*N + 0x8030 Frames 1024–1518 Frames 512–1023 0x80*N + 0x8038 SQE test errors Net octets 0x80*N + 0x8040 Good TX frames TX octets 0x80*N + 0x8048 Multicollision TX frames Single-collision TX frames 0x80*N + 0x8050 Deferred TX frames Carrier sense errors 0x80*N + 0x8058 Excessive collisions Late collisions 0x80*N + 0x8060 Multicast TX frames Broadcast TX frames 0x80*N + 0x8068 TX data errors† Filtered RX frames 0x80*N + 0x8070 Address changes/mismatches Address duplications 0x80*N + 0x8078 † The operation of this counter is controlled by the STMAP bit in the system-control register. port-N RX overruns and collisions at 0x80*N + 0x8500 through 0x80*N + 0x8507 (N = port number in hex) +7 +6 +5 +4 +3 +2 +1 +0 ADDRESS RX overrun port 00 Collision port 00 0x80*N + 0x8500 RX overrun port 01 Collision port 01 0x80*N + 0x8508 RX overrun port 02 Collision port 02 0x80*N + 0x8510 RX overrun port 03 Collision port 03 0x80*N + 0x8518 RX overrun port 04 Collision port 04 0x80*N + 0x8520 RX overrun port 05 Collision port 05 0x80*N + 0x8528 RX overrun port 06 Collision port 06 0x80*N + 0x8530 RX overrun port 07 Collision port 07 0x80*N + 0x8538 RX overrun port 08 Collision port 08 0x80*N + 0x8540 RX overrun port 09 Collision port 09 0x80*N + 0x8548 |