| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX15VE bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 internal register map (continued) BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS TagVLAN6/TagVLAN7 (see Notes 1 and 2) TagVLAN4/TagVLAN5 (see Notes 1 and 2) TagVLAN2/TagVLAN3 (see Notes 1 and 2) TagVLAN0/TagVLAN1 (see Notes 1 and 2) 0x70 TagVLAN14/TagVLAN15 (see Notes 1 and 2) TagVLAN12/TagVLAN13 (see Notes 1 and 2) TagVLAN10/TagVLAN11 (see Notes 1 and 2) TagVLAN8/TagVLAN9 (see Notes 1 and 2) 0x74 VLANID1 (see Note 1) 0x78 0x7C VLANID2 (see Note 1) 0x80 0x84 VLANID3 (see Note 1) 0x88 0x8C VLANID4 (see Note 1) 0x90 0x94 VLANID5 (see Note 1) 0x98 0x9C VLANID6 (see Note 1) 0xA0 0xA4 VLANID7 (see Note 1) 0xA8 0xAC VLANID8 (see Note 1) 0xB0 0xB4 VLANID9 (see Note 1) 0xB8 0xBC VLANID10 (see Note 1) 0xC0 0xC4 VLANID11 (see Note 1) 0xC8 0xCC VLANID12 (see Note 1) 0xD0 0xD4 VLANID13 (see Note 1) 0xD8 0xDC VLANID14 (see Note 1) 0xE0 0xE4 0xE8 0xEC Mirrorport UPLINKport 0xF0 RXblock TXblock 0xF4 CPUTX 0xF8 NOTES: 1. These registers are automatically loaded from the attached EEPROM when the LOAD bit in the control register is set or when the TNETX15VE is hardware reset by either deasserting the RESET terminal or by setting DIO address high to 0x40. 2. Each byte contains two VLANIDs, one for each offset (x/y) specified in the name. |