| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX15VE bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 default register values at reset The reset values for the default registers are shown in the following: BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS 0x0000 0x00 0xab (†) 0x00 0x0000 0x0000 0x04 0x00 MDIO*(0x10) + EDIO*(0x01) 0x0000 0x08 0x00 0x00 0x00 0x00 0x0C 0x0000 0x00 0x00 0x10 0x00 0x00 0x0000 0x14 0x0000 0x0000 0x18 0x0000 0x0000 0x1C 0x00 0x000000 0x20 0x0000 SRAM data at address 0 0x24 0x0000 0x0000 0x28 0x0000 0x00 0x00 0x2C 0x00 0x00 0x00 0x00 0x30 0x0000 0x00 0x00 0x34 0x00 0x00 0x00 0x00 0x38 0x0000 0x00 0x00 0x3C 0x00 0x00 0x00 0x00 0x40 0x00 0x00 0x00 0x00 0x44 0x00 0x00 0x00 0x00 0x48 0x00 0x00 0x00 0x00 0x4C 0x7FFF 0x7FFF 0x50 0x7FFF 0x7FFF 0x54 0x00000000 0x58 0x00000000 0x5C 0x00000000 0x60 0x00000000 0x64 0x00000000 0x68 0x00000000 0x6C 0x00 0x00 0x00 0x00 0x70 0x00 0x00 0x00 0x00 0x74 0x000000 0x00 0x78 0x00000000 0x7C 0x000000 0x00 0x80 0x00000000 0x84 0x000000 0x00 0x88 0x00000000 0x8C 0x000000 0x00 0x90 0x00000000 0x94 0x000000 0x00 0x98 0x00000000 0x9C † a = major version, b = minor version. These bits are hard coded on every device but change as changes are made to TNETX15VE and its derivatives. |