| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX15VE bảng dữ liệu(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE bảng dữ liệu(HTML) 57 Page - Texas Instruments |
|
57 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 57 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION lookup algorithm (continued) Since each table needs to compare 2N possible combinations, it requires 2N pointers. Each table has the following format, assuming 16-bit wide memory: N (Bits to be compared) 16-BIT POINTERS 00000 00001 00010 2N – 1 OFFSET 0 1 2 2N – 1 To table x To table y To table z Only the pointers column of the above table occupies memory locations. Each pointer points to a table in the next level. The TNETX15VE uses N bits in the address as an offset to this table and, if a pointer is found, it uses it to go to the next level. A zero pointer indicates that the entry was not found (in this case the search fails). a graphical example of the lookup algorithm This example uses the following method to look up the number 0xB2 (10.11.00.10b), two bits at a time (N = 2). Graphically, this number is represented in Figure 6. 00 01 10 11 00 01 10 11 00 01 10 11 00 01 10 11 Figure 6. Example of Lookup-Number Algorithm (Matching 0xB2) The first table is offset 0x10b points to the second level (see Figure 6). The second level uses the second set of bits (0x11b) and points to the third table. This process continues until the last two bits are matched. Matching 0xB2, two bits at a time, uses four tables with each containing four possible pointers. Not all locations in the tables are used, which potentially can lead to unused memory. Now, add 0xB0 (10.11.00.00b) to the table. Figure 7 illustrates the results. |