công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1602AS bảng dữ liệu(PDF) 38 Page - SONiX Technology Company

tên linh kiện SN8P1602AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS bảng dữ liệu(HTML) 38 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 34Page - SONiX Technology Company SN8P1602AS Datasheet HTML 35Page - SONiX Technology Company SN8P1602AS Datasheet HTML 36Page - SONiX Technology Company SN8P1602AS Datasheet HTML 37Page - SONiX Technology Company SN8P1602AS Datasheet HTML 38Page - SONiX Technology Company SN8P1602AS Datasheet HTML 39Page - SONiX Technology Company SN8P1602AS Datasheet HTML 40Page - SONiX Technology Company SN8P1602AS Datasheet HTML 41Page - SONiX Technology Company SN8P1602AS Datasheet HTML 42Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 38
Revision 1.94
6
6
6 POWER ON RESET
OVERVIEW
SN8P1600 provides two system resets. One is external reset and the other is low voltage detector (LVD). The external
reset is a simple RC circuit connecting to the reset pin. The low voltage detector (LVD) is built-in internal circuit. When
one of the reset devices occurs, the system will reset and the system registers become initial value. The timing
diagram is as the following.
VDD
External Reset
Internal Reset Signal
End of LVD Reset
LVD
End of External Reset
LVD Detect Level
External Reset Detect Level
SN8P1600 power on reset timing diagram
Notice : The working current of the LVD is about 100uA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94