| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602AS bảng dữ liệu(PDF) 32 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AS bảng dữ liệu(HTML) 32 Page - SONiX Technology Company |
|
32 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 32 Revision 1.94 PROGRAM COUNTER The program counter (PC) is a 10-bit binary counter separated into the high-byte 2 bits and the low-byte 8 bits. This counter is responsible for pointing a location in order to fetch an instruction for kernel circuit. Normally, the program counter is automatically incremented with each instruction during program execution. Besides, it can be replaced with specific address by executing CALL or JMP instruction. When JMP or CALL instruction is executed, the destination address will be inserted to bit 0 ~ bit 9. SN8P1602/SN8P1603 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PC - - - - - - PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 After reset - - - - - - 0 0 0 0 0 0 0 0 0 0 PCH PCL SN8P1604 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 PC - - - - PC11 PC10 PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 After reset - - - - 0 0 0 0 0 0 0 0 0 0 0 0 PCH PCL |