công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8A1702AX bảng dữ liệu(PDF) 71 Page - SONiX Technology Company

tên linh kiện SN8A1702AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX bảng dữ liệu(HTML) 71 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 67Page - SONiX Technology Company SN8A1702AX Datasheet HTML 68Page - SONiX Technology Company SN8A1702AX Datasheet HTML 69Page - SONiX Technology Company SN8A1702AX Datasheet HTML 70Page - SONiX Technology Company SN8A1702AX Datasheet HTML 71Page - SONiX Technology Company SN8A1702AX Datasheet HTML 72Page - SONiX Technology Company SN8A1702AX Datasheet HTML 73Page - SONiX Technology Company SN8A1702AX Datasheet HTML 74Page - SONiX Technology Company SN8A1702AX Datasheet HTML 75Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 71
Revision 1.94
T0 BASIC TIMER OPERATION SEQUENCE
The T0 basic timer’s sequence of operation can be following.
Set the T0C initial value to setup the interval time.
Set the T0ENB to be “1” to enable T0 basic timer.
T0C is incremented by one with each clock pulse which frequency is corresponding to T0M selection.
T0C overflow when T0C from FFH to 00H.
When T0C overflow occur, the T0IRQ flag is set to be “1” by hardware.
Execute the interrupt service routine.
Users reset the T0C value and resume the T0 timer operation.
Example: Setup the T0M and T0C.
B0BCLR
FT0IEN
; To disable T0 interrupt service
B0BCLR
FT0ENB
; To disable T0 timer
MOV
A,#20H
;
B0MOV
T0M,A
; To set T0 clock = fcpu / 64
MOV
A,#74H
B0MOV
T0C,A
; To set T0C initial value = 74H (To set T0 interval = 10 ms)
B0BSET
FT0IEN
; To enable T0 interrupt service
B0BCLR
FT0IRQ
; To clear T0 interrupt request
B0BSET
FT0ENB
; To enable T0 timer
Example: T0 interrupt service routine.
ORG
8
; Interrupt vector
JMP
INT_SERVICE
INT_SERVICE:
B0XCH
A, ACCBUF
; B0XCH doesn’t change C, Z flag
PUSH
; Push
B0BTS1
FT0IRQ
; Check T0IRQ
JMP
EXIT_INT
; T0IRQ = 0, exit interrupt vector
B0BCLR
FT0IRQ
; Reset T0IRQ
MOV
A,#74H
; Reload T0C
B0MOV
T0C,A
.
.
; T0 interrupt service routine
.
.
JMP
EXIT_INT
; End of T0 interrupt service routine and exit interrupt vector
.
.
.
.
EXIT_INT:
POP
; Pop
B0XCH
A, ACCBUF
;Restore ACC value
RETI
; Exit interrupt vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com