công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8A1702AX bảng dữ liệu(PDF) 36 Page - SONiX Technology Company

tên linh kiện SN8A1702AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX bảng dữ liệu(HTML) 36 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 32Page - SONiX Technology Company SN8A1702AX Datasheet HTML 33Page - SONiX Technology Company SN8A1702AX Datasheet HTML 34Page - SONiX Technology Company SN8A1702AX Datasheet HTML 35Page - SONiX Technology Company SN8A1702AX Datasheet HTML 36Page - SONiX Technology Company SN8A1702AX Datasheet HTML 37Page - SONiX Technology Company SN8A1702AX Datasheet HTML 38Page - SONiX Technology Company SN8A1702AX Datasheet HTML 39Page - SONiX Technology Company SN8A1702AX Datasheet HTML 40Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 36
Revision 1.94
WORKING REGISTERS
The locations 80H to 85H of RAM bank 0 in data memory stores the specially defined registers such as register H, L, R,
X, Y, Z, respectively shown in the following table. These registers can use as the general purpose of working buffer
and be used to access ROM’s and RAM’s data. For instance, all of the ROM’s table can be looked-up with R, X, Y and
Z registers. The data of RAM memory can be indirectly accessed with H, L, Y and Z registers.
80H
81H
82H
83H
84H
85H
RAM
L
H
R
Z
Y
X
R/W
R/W
R/W
R/W
R/W
R/W
H, L REGISTERS
The H and L are 8-bit register with two major functions. One is to use the registers as working register. The other is to
use the registers as data pointer to access RAM’s data. The @HL that is data point_0 index buffer located at address
E6H in RAM bank_0. It employs H and L registers to addressing RAM location in order to read/write data through ACC.
The Lower 4-bit of H register is pointed to RAM bank number and L register is pointed to RAM address number,
respectively. The higher 4-bit data of H register is truncated in RAM indirectly access mode.
H initial value = 0000 0000
081H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
H
HBIT7
HBIT6
HBIT5
HBIT4
HBIT3
HBIT2
HBIT1
HBIT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
L initial value = 0000 0000
080H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
L
LBIT7
LBIT6
LBIT5
LBIT4
LBIT3
LBIT2
LBIT1
LBIT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Example: If want to read a data from RAM address 20H of bank_0, it can use indirectly addressing mode to
access data as following.
B0MOV
H, #00H
; To set RAM bank 0 for H register
B0MOV
L, #20H
; To set location 20H for L register
B0MOV
A, @HL
; To read a data into ACC
Example: Clear general-purpose data memory area of bank 0 using @HL register.
CLR
H
; H = 0, bank 0
MOV
A, #07FH
B0MOV
L, A
; L = 7FH, the last address of the data memory area
CLR_HL_BUF:
CLR
@HL
; Clear @HL to be zero
DECMS
L
; L – 1, if L = 0, finish the routine
JMP
CLR_HL_BUF
; Not zero
CLR
@HL
END_CLR:
; End of clear general purpose data memory area of bank 0
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com