công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8A1702AX bảng dữ liệu(PDF) 69 Page - SONiX Technology Company

tên linh kiện SN8A1702AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX bảng dữ liệu(HTML) 69 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 65Page - SONiX Technology Company SN8A1702AX Datasheet HTML 66Page - SONiX Technology Company SN8A1702AX Datasheet HTML 67Page - SONiX Technology Company SN8A1702AX Datasheet HTML 68Page - SONiX Technology Company SN8A1702AX Datasheet HTML 69Page - SONiX Technology Company SN8A1702AX Datasheet HTML 70Page - SONiX Technology Company SN8A1702AX Datasheet HTML 71Page - SONiX Technology Company SN8A1702AX Datasheet HTML 72Page - SONiX Technology Company SN8A1702AX Datasheet HTML 73Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 69
Revision 1.94
BASIC TIMER 0 (T0)
OVERVIEW
The basic timer (T0) is an 8-bit binary up counter. It uses T0M register to select T0C’s input clock for counting a
precision time. If the T0 timer has occur an overflow (from FFH to 00H), it will continue counting and issue a time-out
signal to trigger T0 interrupt to request interrupt service. The main purposes of the T0 basic timer is as following.
8-bit programmable timer: Generates interrupts at specific time intervals based on the selected clock
frequency.
Figure 8-2. Basic Timer T0 Block Diagram
T0M REGISTER DESCRIPTION
The T0M is the basic timer mode register which is a 8-bit read/write register and only used the high nibble. By loading
different value into the T0M register, users can modify the basic timer clock dynamically as program executing.
Eight rates for T0 timer can be selected by T0RATE0 ~ T0RATE2 bits. The range is from fcpu/2 to fcpu/256. The T0M
initial value is zero and the rate is fcpu/256. The bit7 of T0M called T0ENB is the control bit to start T0 timer. The
combination of these bits is to determine the T0 timer clock frequency and the intervals.
T0M initial value = 0000 xxxx
0D8H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T0M
T0ENB
T0RATE2
T0RATE1
T0RATE0
0
0
0
0
R/W
R/W
R/W
R/W
-
-
-
-
T0ENB: T0 timer control bit. 0 = disable, 1 = enable.
T0RATE2~T0RATE0: The T0 timer’s clock source select bits. 000 = fcpu/256, 001 = fcpu/128, … , 110 = fcpu/4, 111 =
fcpu/2.
T0enb
T0C 8-bit binary counter
T0 Time out
pre_load
Internal data bus
÷ 2(8-T0Rate)
fcpu
T0enb
T0C 8-bit binary counter
T0 Time out
pre_load
Internal data bus
÷ 2(8-T0Rate)
fcpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com