công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AS bảng dữ liệu(PDF) 95 Page - SONiX Technology Company

tên linh kiện SN8P1702AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AS bảng dữ liệu(HTML) 95 Page - SONiX Technology Company

Back Button SN8P1702AS Datasheet HTML 91Page - SONiX Technology Company SN8P1702AS Datasheet HTML 92Page - SONiX Technology Company SN8P1702AS Datasheet HTML 93Page - SONiX Technology Company SN8P1702AS Datasheet HTML 94Page - SONiX Technology Company SN8P1702AS Datasheet HTML 95Page - SONiX Technology Company SN8P1702AS Datasheet HTML 96Page - SONiX Technology Company SN8P1702AS Datasheet HTML 97Page - SONiX Technology Company SN8P1702AS Datasheet HTML 98Page - SONiX Technology Company SN8P1702AS Datasheet HTML 99Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 95
Revision 0.5
ADM REGISTER
ADM initial value = 0000 x000
0B1H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADM
ADENB
ADS
EOC
GCHS
-
-
CHS1
CHS0
R/W
R/W
R/W
R/W
-
-
R/W
R/W
Bit[1:0]
CHS[1:0]: ADC input channels select bit.
00 = AIN0
01 = AIN1
10 = AIN2
11 = AIN3
Bit4
GCHS:Global channel select bit.
0 = to disable AIN channel
1 = to enable AIN channel.
Bit5
EOC: ADC status bit.
0 = Progressing
1 = End of converting and reset ADENB bit.
Bit6
ADS:ADC start bit.
0 = stop
1 = starting.
Bit7
ADENB:ADC control bit.
0 = disable
1 = enable.
ADR REGISTERS
ADR initial value = x00x 0000
0B3H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADR
-
ADCKS1
ADLEN
ADCKS0
ADB3
ADB2
ADB1
ADB0
-
R/W
R/W
R/W
R
R
R
R
Bit[3:0]
ADBn: ADC data buffer.
ADB11~ADB4 data for 8-bit ADC.
ADB11~ADB0 data for 12-bit ADC.
Bit5
ADLEN: ADC’s resolution select bits.
0 = 8-bit
1 = 12-bit.
Bit6,Bit4
ADCKS1, ADCKS0: ADC’s clock source select bit.
ADCKS1 ADCKS0 ADC Clock Source
Note
0
0
Fcpu/4
Both validate in Normal mode and Slow mode
0
1
Fcpu/2
Both validate in Normal mode and Slow mode
1
0
Fhosc
Only validate in Normal mode
1
1
Fhosc/2
Only validate in Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com