công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AS bảng dữ liệu(PDF) 84 Page - SONiX Technology Company

tên linh kiện SN8P1702AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AS bảng dữ liệu(HTML) 84 Page - SONiX Technology Company

Back Button SN8P1702AS Datasheet HTML 80Page - SONiX Technology Company SN8P1702AS Datasheet HTML 81Page - SONiX Technology Company SN8P1702AS Datasheet HTML 82Page - SONiX Technology Company SN8P1702AS Datasheet HTML 83Page - SONiX Technology Company SN8P1702AS Datasheet HTML 84Page - SONiX Technology Company SN8P1702AS Datasheet HTML 85Page - SONiX Technology Company SN8P1702AS Datasheet HTML 86Page - SONiX Technology Company SN8P1702AS Datasheet HTML 87Page - SONiX Technology Company SN8P1702AS Datasheet HTML 88Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 84
Revision 0.5
TC1 INTERRUPT OPERATION
When the TC1C counter occurs overflow, the TC1IRQ will be set to “1” however the TC1IEN is enable or disable. If the
TC1IEN = 1, the trigger event will make the TC1IRQ to be “1” and the system enter interrupt vector. If the TC1IEN = 0,
the trigger event will make the TC1IRQ to be “1” but the system will not enter interrupt vector. Users need to care for
the operation under multi-interrupt situation.
Example: TC1 interrupt request setup.
B0BCLR
FTC1IEN
; Disable TC1 interrupt service
B0BCLR
FT C1ENB
; Disable TC1 timer
MOV
A, #20H
;
B0MOV
TC1M, A
; Set TC1 clock = Fcpu / 64
MOV
A, #74H
; Set TC1C initial value = 74H
B0MOV
TC1C, A
; Set TC1 interval = 10 ms
B0BSET
FTC1IEN
; Enable TC1 interrupt service
B0BCLR
FTC1IRQ
; Clear TC1 interrupt request flag
B0BSET
FTC1ENB
; Enable TC1 timer
B0BSET
FGIE
; Enable GIE
Example: TC1 interrupt service routine.
ORG
8
; Interrupt vector
JMP
INT_SERVICE
INT_SERVICE:
B0XCH
A, ACCBUF
; Store ACC value.
B0MOV
A, PFLAG
B0MOV
PFLAGBUF, A
;
B0BTS1
FTC1IRQ
; Check TC1IRQ
JMP
EXIT_INT
; TC1IRQ = 0, exit interrupt vector
B0BCLR
FTC1IRQ
; Reset TC1IRQ
MOV
A, #74H
B0MOV
TC1C, A
; Reset TC1C.
.
.
; TC1 interrupt service routine
.
.
EXIT_INT:
B0MOV
A, PFLAGBUF
B0MOV
PFLAG, A
B0XCH
A, ACCBUF
; Restore ACC value.
RETI
; Exit interrupt vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com