công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702AS bảng dữ liệu(PDF) 90 Page - SONiX Technology Company

tên linh kiện SN8P1702AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AS bảng dữ liệu(HTML) 90 Page - SONiX Technology Company

Back Button SN8P1702AS Datasheet HTML 86Page - SONiX Technology Company SN8P1702AS Datasheet HTML 87Page - SONiX Technology Company SN8P1702AS Datasheet HTML 88Page - SONiX Technology Company SN8P1702AS Datasheet HTML 89Page - SONiX Technology Company SN8P1702AS Datasheet HTML 90Page - SONiX Technology Company SN8P1702AS Datasheet HTML 91Page - SONiX Technology Company SN8P1702AS Datasheet HTML 92Page - SONiX Technology Company SN8P1702AS Datasheet HTML 93Page - SONiX Technology Company SN8P1702AS Datasheet HTML 94Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 90
Revision 0.5
I/O PORT MODE
The port direction is programmed by PnM register. Port 0 is always input mode. Port 1,2,4 and 5 can select input or
output direction.
P1M initial value = xxxx xx00
0C1H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1M
0
0
0
0
0
0
P11M
P10M
-
-
-
-
-
-
R/W
R/W
Bit[1:0]
P1[1:0]M:P1.0~P1.1 I/O direction control bit.
0 = input mode
1 = output mode.
P4M initial value = xxxx 0000
0C4H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P4M
0
0
0
0
P43M
P42M
P41M
P40M
-
-
-
-
R/W
R/W
R/W
R/W
Bit[3:0]
P4[3:0]M:P4.0~P4.3 I/O direction control bit.
0 = input mode
1 = output mode.
P5M initial value = xx00 0000
0C5H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P5M
0
0
P55M
P54M
P53M
P52M
P51M
P50M
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Bit[5:0]
P5[5:0]M: P5.0~P5.5 I/O direction control bit.
0 = input mode
1 = output mode.
The each bit of PnM is set to “0”, the I/O pin is input mode. The each bit of PnM is set to “1”, the I/O pin is output mode.
Input mode is with pull-up resistor controlled by setting @SET_UP macro. The output mode disables the pull-up
resistors no matter pull-up resistors is set or not.
The PnM registers are read/write bi-direction registers. Users can program them by bit control
instructions (B0BSET, B0BCLR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com