| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2210 bảng dữ liệu(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2210 bảng dữ liệu(HTML) 30 Page - Microchip Technology |
|
30 / 82 page ![]() MCP2210 DS22288A-page 30 2011 Microchip Technology Inc. 3.1.9 GET USB MANUFACTURER NAME 3.1.9.1 Responses FIGURE 3-9: GET USB MANUFACTURER NAME LOGIC FLOW TABLE 3-23: COMMAND STRUCTURE Byte Index Meaning 00x61 – Get NVRAM Settings – command code 10x50 – Get USB Manufacturer Name – sub-command code 20x00 – Reserved 3-63 0x00 – Reserved TABLE 3-24: RESPONSE 1 STRUCTURE Byte Index Meaning 0 0x61 – Get NVRAM Settings – echos back the given command code 1 0x00 – Command Completed Successfully 2 0x50 – Sub-command Echoed Back for Get USB Manufacturer Name code 3 Don’t Care 4 Total USB String Descriptor Length (this is the length of the Manufacturer string multiplied by 2 + 2) Example: “Microchip Technology Inc.” has 25 Unicode characters. - The retrieved value is: (25 x 2) + 2 = 52 (decimal) = 0x34 5 USB String Descriptor ID – always 0x03 6 Unicode Character Low Byte Example: For the “Microchip Technology Inc.” Unicode string, there will be the low byte of the Unicode for character “M”. - This byte index will have a value of 0x4D 7 Unicode Character High Byte Example: For the “Microchip Technology Inc.” Unicode string, there will be the high byte of the Unicode for character “M”. - This byte index will have a value of 0x00 8-63 Remaining Unicode Characters Get NVRAM USB Manufacturer Name Response 1 NVRAM USB Manufacturer Name Retrieved |