| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2210 bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2210 bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 82 page ![]() MCP2210 DS22288A-page 26 2011 Microchip Technology Inc. 3.1.7 GET POWER-UP CHIP SETTINGS 3.1.7.1 Responses TABLE 3-19: COMMAND STRUCTURE Byte Index Meaning 00x61 – Get NVRAM Settings – command code 10x20 – Get Power-up Chip Settings – sub-command code 20x00 – Reserved 3-63 0x00 – Reserved TABLE 3-20: RESPONSE 1 STRUCTURE Byte Index Meaning 0 0x61 – Get NVRAM Settings – echos back the given command code 1 0x00 – Command Completed Successfully 2 0x20 – Sub-command Echoed Back for Get Power-up Chip Settings code 3 Don’t Care 4 GP0 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 5 GP1 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 6 GP2 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 7 GP3 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 8 GP4 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 9 GP5 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 10 GP6 Pin Designation • GPIO = 0x00 • Chip Selects = 0x01 • Dedicated Function pin = 0x02 |